Part Number Hot Search : 
MTD6502B FAN5622 23A005 MLL4620 NJM2722 PESD5V CCP2B15 IS45S
Product Description
Full Text Search
 

To Download E30A2CPS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SEMICONDUCTOR
TECHNICAL DATA
ALTERNATOR DIODE FOR AUTOMOTIVE APPLICATION. FEATURES
Average Forward Current : IO=30A. Reverse Voltage : 200V(Min.)
E30A2CPS, E30A2CPR
STACK SILICON DIFFUSED DIODE
D
F2
E
POLARITY
E30A2CPS (+ Type) E30A2CPR (- Type)
G
MAXIMUM RATING (Ta=25
CHARACTERISTIC Repetitive Peak Reverse Voltage Non-Repetitive Peak Reverse Voltage Average Forward Current Peak 1 Cycle Surge Current Junction Temperature Storage Temperature Range
)
RATING 200 1.35 (Pulse duration 30 S Non-repetitive) 30 350 (10mS Condition Half sine wave 1 cycle) -40 200 -40 200 UNIT V
A
SYMBOL VRRM PRM IF(AV) IFSM Tj Tstg
DIM MILLIMETERS DIM MILLIMETERS 0.32 F1 11.7+0.1/-0 A 3.1 F2 3.85+0/-0.2 B _ G 0.5 D 1.45 + 0.1 L1 8.4 MAX E 1.55 DIM TYPE POLARITY S L2 R MILLIMETERS 17.5+0/-1.5 21.5+0/-1.5
kW A A
ELECTRICAL CHARACTERISTICS (Ta=25
CHARACTERISTIC Peak Forward Voltage Reverse Voltage Repetitive Peak Reverse Current Reverse Recovery Time Transient Thermal Resistance Reverse Leakage Current Under High Temperature Temperature Resistance
)
TEST CONDITION IFM=100A IR=5mA VR=200V IF=-IR 100mA IFM=100A, Im=100mA, Pt=100mS Ta=150 , VR=VRM Junction to Case Junction to Fin MIN. 200 TYP. 0.86 1.07 MAX. 1.17 50 15 140 2.5 0.86 1.07 UNIT V V A S mV mA
SYMBOL VFM VRM IRRM trr VF HIR Rth
B
PF
L1
L2
F1
/W
1998. 2. 19
Revision No : 0
1/1


▲Up To Search▲   

 
Price & Availability of E30A2CPS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X